PART |
Description |
Maker |
PSB7115-FV2.1 |
ISAR 34 (Enhanced ISDN Data Access Co...
|
Infineon
|
PSB7110 |
ISDN Data Access Controller ISAR
|
Infineon
|
CMX218S1 CMX218 |
ISDN Data/Telephony Protocol Engine ISDN Data and Telephony-Protocol Engine
|
CONSUMER MICROCIRCUITS LIMITED CML Microcircuits
|
CMX228 |
ISDN Protocol Engine D-Channel Data
|
CONSUMER MICROCIRCUITS LIMITED
|
82C206 82C211 P82C206 P82C212 P82C211 P82C215 F82C |
NEW ENHANCED AT DATA BOOK
|
ETC[ETC]
|
EP1K30 EP1AGX20C EP1AGX35C EP1K10 EP1K100 EP1K50 E |
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet 1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
|
Altera Corporation http://
|
PIC16F62XT-20E_SS PIC16LF62X-20_P PIC16F62X-20_SO |
FLASH-Based 8-Bit CMOS Microcontroller Code Hopping Encoder(KeeLoq 码编码器) RESISTOR,ARRAY,2.2K, 5% RES ARRAY 100 OHM 4TERM 2RES SMD BBG ECL GATE OR/NOR TRPL; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Triple 2-3-2-Input OR/NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Enhanced FLASH/EEPROM 8-Bit Microcontroller(驱动/吸收电流高,工作电压2.0~5.5V,微控制 Enhanced FLASH 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory(带ADC转换器和EEPROM数据存储器的闪速CMOS微控制器) Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压3.0~5.5V,微控制 Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压2.5~5.5V,微控制 8-Pin, 8-Bit CMOS Enhanced FLASH Microcontroller with A/D Converter and EEPROM Data Memory(-2.5~5.5V,具ADC,闪速微控制 OTP 8-Bit CMOS Microcontroller with EEPROM Data Memory(工作电压2.5~5.5V路比较器,微控制 2K 5.0V IIC serial EEPROMs(2.5V~5.5V,2K1M次擦写周ISO7816标准) 1K 5.0V IIC serial EEPROMs(2.5V~5.5V,1K1M次擦写周ISO7816标准) 256K 5.0V SPI Bus Serial EEPROM(4.5~5.5V,256K浣?SPI?荤嚎涓茶?EEPROM)
|
Microchip Technology Inc.
|
B82719C2475N365 B82719 B82719C2105N365 B82719C2474 |
1 ELEMENT, 470 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Data Line Chokes for ISDN
|
EPCOS AG EPCOS[EPCOS]
|
P82C206 |
(P82C206 - P82C215) New Enhanced AT Data Book
|
Chips
|
EPC16QC100 EPC8QC100 |
2. Enhanced Configuration Devices (EPC4, EPC8 & EPC16) Data Sheet
|
Altera Corporation
|
B78381 B78381-A1134-A3 |
DATACOM TRANSFORMER FOR ISDN APPLICATION(S) ISDN/x/DSL Transformers
|
EPCOS AG EPCOS[EPCOS]
|
CPH-E25-1S-10P CPH-E7-1S-10P |
E cores and acces sories
|
Ferroxcube International Holding B.V.
|